PART |
Description |
Maker |
MAX3.00A EPM3032ALC44-10 EPM3032ALC44-4 EPM3032ALC |
Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 4ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 10ns Programmable Logic Device Family
|
Altera Corporation
|
EPM3128ATC EPM3256ATC EPM3032ATC EPM3064A EPM3128A |
Programmable Logic , 64 Macrocells, 4 Logic Array Blocks, 66 I/o Pins, 10ns Programmable Logic Device Family Programmable Logic , 128 Macrocells, 8 Logic Array Blocks, 96 I/o Pins, 10ns
|
ALTERA[Altera Corporation]
|
CY7C374I-100AI CY7C374I-100JI CY7C374IL-83AC CY7C3 |
UltraLogic?128-Macrocell Flash CPLD Programmable Logic : Programmable Logic Devices UltraLogic⑩ 128-Macrocell Flash CPLD UltraLogic?/a> 128-Macrocell Flash CPLD UltraLogic 128-Macrocell Flash CPLD
|
Cypress Semiconductor
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
ATF750LVC ATF750LVC-15JC ATF750LVC-15JI ATF750LVC- |
High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 PS2 TO SUN MD8 FLASH CABL 高速复杂可编程逻辑器件 From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
ATV2500H ATV2500H-25DC ATV2500H-25DI ATV2500H-25DM |
120 OHM 1% 1/8 W High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 35 ns, PQCC44 High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CQCC44 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PDIP40 High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
LC5256MB-45F208C LC5256MB-45F208I LC5256MB-45F256C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family
|
Lattice Semiconductor
|
ATTINY24_44_84NBSP |
2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes In
|
Atmel Corp
|
|